Part Number Hot Search : 
S0247 12160 19KFKE SMA5937B FDW2506 AMN34112 BAV16 29450
Product Description
Full Text Search
 

To Download MDLS16119D-LV-DIEIC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 VL-FS- MDLS16119D-01 REV. A (MDLS16119D-LV-DIE IC) OCT/2001
PAGE 2 OF 12
DOCUMENT REVISION HISTORY 1: DOCUMENT DATE DESCRIPTION REVISION FROM TO A 2002.10.11 Based on the Test Specification: VL-TS-MDLS16119D-XX REV. B, 2002.02.01)
CHANGED BY PHILIP CHENG
CHECKED BY TOM LEE
VL-FS- MDLS16119D-01 REV. A (MDLS16119D-LV-DIE IC) OCT/2001
PAGE 3 OF 12
CONTENTS
Page No. 1. 2. 3. 3.1 3.2 4. 4.1 4.2 4.3 4.4 4.5 GENERAL DESCRIPTION MECHANICAL SPECIFICATIONS ABSOLUTE MAXIMUM RATINGS ELECTRICAL MAXIMUM RATINGS (Ta=25C) ENVIRONMENTAL CONDITION ELECTRICAL SPECIFICATIONS INTERFACE SIGNALS TYPICAL ELECTRICAL CHARACTERISTICS TIMING SPECIFICATIONS TIMING DIAGRAM OF VDD AGAINST V0 CORRESPONDENCE BETWEEN CHARACTER CODES AND CHARACTER PATTERNS(NOVATEK STANDARD NT3881D-01) 4 4 6 6 6 7 7 8 9 11 12
VL-FS- MDLS16119D-01 REV. A (MDLS16119D-LV-DIE IC) OCT/2001
PAGE 4 OF 12
VARITRONIX LIMITED
Specification of LCD Module Type Item No.: MDLS16119D-01
1. General Description * * * * * 16 characters (5 x 11 dots) x 1 line STN Positive Yellow Reflective LCD Character Module. Viewing Angle: 6 o'clock direction. Driving duty: 1/16 duty, 1/4 bias. `NOVATEK' NT3881DH-01/AI (die form) LCD Controller and Driver or equivalent. `SAMSUNG' KS0065B-PCC (die form) LCD Segment Driver or equivalent.
2.
Mechanical Specifications
The mechanical detail is shown in Fig. 1 and summarized in Table 1 below. Table 1 Parameter Outline dimensions Effective viewing area Display format Character size Character spacing Character pitch Dot size Dot spacing Dot pitch Weight Specifications 80.0(W) x 36.0(H) x 11.0 MAX.(D) 64.5(W) x 13.8(H) 16 characters x 1 line 3.15(W) x 8.70(H) (5 x 11 dots) 0.60(W) 3.75(W) 0.55(W) x 0.70(H) 0.10(W) x 0.10(H) 0.65(W) x 0.80(H) TBD Unit mm mm mm mm mm mm mm mm grams
VL-FS- MDLS16119D-01 REV. A (MDLS16119D-LV-DIE IC) OCT/2001
PAGE 5 OF 12
Figure 1: Outline Drawing
VL-FS- MDLS16119D-01 REV. A (MDLS16119D-LV-DIE IC) OCT/2001
PAGE 6 OF 12
3. 3.1
Absolute Maximum Ratings Electrical Maximum Ratings(Ta = 25 C) Table 2
Parameter Power Supply voltage (Logic) Power Supply voltage (LCD drive)
Input voltage -0.3 VDD+0.3 V Note: The modules may be destroyed if they are used beyond the absolute maximum ratings. All voltage values are referenced to VSS = 0V.
Symbol VDD - VSS VLCD =VDD - V0 Vin
Min. -0.3 -0.3
Max. +7.0 +13.5
Unit V V
3.2
Environmental Condition Table 3 Operating Storage Temperature Temperature (Topr) (Tstg) Min. Max. Min. Max. 0C +50C -10C +60C 95% max. RH for Ta 40C < 95% RH for Ta > 40C Frequency: 10 55 Hz Amplitude: 0.75 mm Duration: 20 cycles in each direction. Pulse duration : 11 ms Peak acceleration: 981 m/s2 = 100g Number of shocks : 3 shocks in 3 mutually perpendicular axes.
Item
Remark
Ambient Temperature Humidity Vibration (IEC 68-2-6) cells must be mounted on a suitable connector Shock (IEC 68-2-27) Half-sine pulse shape
Dry no condensation 3 directions
3 directions
VL-FS- MDLS16119D-01 REV. A (MDLS16119D-LV-DIE IC) OCT/2001
PAGE 7 OF 12
4. Electrical Specifications 4.1 Interface signals Table 4 Pin No. 1 2 3 4 Symbol VSS VDD V0 RS Description Ground Power supply for logic. Power supply for LCD driver. Register Select Input : "High" for Data register (for read and write). "Low" for Instruction register (for write), Busy flag, address counter (for read). Read/Write signal: 'High' for Read mode. 'Low' for Write mode. Enable. Start signal for data read /write. Data input/output (LSB) Data input/output Data input/output Data input/output Data input/output Data input/output Data input/output Data input/output (MSB) Anode of backlight (OPTIONAL). Cathode of backlight (OPTIONAL).
5
R/W
6 7 8 9 10 11 12 13 14 A K
E DB0 DB1 DB2 DB3 DB4 DB5 DB6 DB7 LED(+) LED(-)
VL-FS- MDLS16119D-01 REV. A (MDLS16119D-LV-DIE IC) OCT/2001
PAGE 8 OF 12
4.2
Typical Electrical Characteristics At Ta = 25 C, VDD = 5V5%, VSS=0V. Table 5 Parameter Supply voltage (Logic) Supply voltage (LCD) Input signal voltage 1 for E,DB0-DB7,R/W,RS. Input signal voltage 2 for OSC1. Supply Current (Logic & LCD) Symbol VDD- VSS VDD-V0 VIH1 VIL1 VIH2 VIL2 IDD Conditions VDD = 5V, Note 1. " H" level " L" level " H" level " L" level Character mode, Note 1 Checker board mode, Note 1 Character mode, Note 1 Checker board mode, Note 1 Min. 4.75 4.2 2.2 -0.3 VDD -1.0 VSS Typ. 5.0 4.4 0.8 1.4 0.5 0.5 Max. 5.25 4.6 VDD 0.8 VDD 1.0 1.2 2.1 0.7 0.7 Unit V V V V V V mA mA mA mA
Supply Current (LCD)
I0
Note (1) : There is tolerance in optimum LCD driving voltage during production and it will be within the specified range.
VL-FS- MDLS16119D-01 REV. A (MDLS16119D-LV-DIE IC) OCT/2001
PAGE 9 OF 12
4.3 Timing Specifications At Ta = 0 C to +50 C , VDD = 5V5% ,VSS = 0V. Refer to Fig. 2 , the bus timing diagram for write mode.
Table 6 Parameter Enable cycle time Enable "High" level pulse width Enable rise time Enable fall time RS, R/W set-up time RS, R/W address hold time Data output delay Data hold time Symbol tCYCE tWHE tRE tFE tAS tAH tDS tDHR Min. 500 300 60 100 10 100 10 Max. 25 25 Unit ns ns ns ns ns ns ns ns Remarks
8-bit operation mode 4-bit operation mode
Refer to Fig. 3 , the bus timing diagram for read mode . Table 7 Parameter Enable cycle time Enable "High" level pulse width Enable rise time Enable fall time RS, R/W set-up time RS, R/W address hold time Read data output delay Read data hold time Symbol tCYCE tWHE tRE tFE tAS tAH tRD tDHR Min. 500 300 60 100 10 20 Max. 25 25 190 Unit ns ns ns ns ns ns ns ns Remarks
8-bit operation mode 4-bit operation mode
VL-FS- MDLS16119D-01 REV. A (MDLS16119D-LV-DIE IC) OCT/2001
PAGE 10 OF 12
Figure 2: Bus write operation sequence (Writing data from MPU to NT3881).
Figure 3: Bus read operation sequence (Reading out data from NT3881 to MPU).
VL-FS- MDLS16119D-01 REV. A (MDLS16119D-LV-DIE IC) OCT/2001
PAGE 11 OF 12
4.4
Timing Diagram of VDD against V0.
Power on sequence shall meet the requirement of Figure 4, the timing diagram of VDD against V0.
VDD
95%
LOGIC SUPPLY VOLTAGE 0V 50ms(typical)
V0
0V LCD SUPPLY VOLTAGE
Figure 4: Timing diagram of VDD against V0.
VL-FS- MDLS16119D-01 REV. A (MDLS16119D-LV-DIE IC) OCT/2001
PAGE 12 OF 12
4.5
Correspondence between Character Codes and Character Patterns (NOVATEK Standard NT3881D-01)
"Varitronix Limited reserves the right to change this specification." FAX:(852) 2343-9555. URL:http://www.varitronix.com - END -


▲Up To Search▲   

 
Price & Availability of MDLS16119D-LV-DIEIC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X